Part Number Hot Search : 
74AC125 2142C 5KP20 2SK214 1N964 12160 05040 AN502
Product Description
Full Text Search
 

To Download DRP20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 im
in
ar
y
DRP20 SERIES
20A DIN RAIL MOUNTABLE REDUNDANT MODULE
Pr
el
FEATURES
SUITABLE FOR REDUNDANT OPERATION OF 24V SYSTEM MAX 20A READY RELAY CONTACTS DECOUPLING DIODES LED INDICATOR FOR INPUT FAILURE ALARM.
SPECIFICATION
GENERAL
Characteristics
Isolation voltage Isolation resistance Ambient temperature Storage temperature Relative humidity Dimension Cooling Case material
Conditions
Input / Relay contact Input / Relay contact, @ 100VDC Operating at Vi nom Non operational Vi nom, Io nom L90 x W54 x D113.5 Free air convection Plastic
min.
100 100 -25 -25 20
typ.
max.
unit
VDC M
+ 71 + 85 95
o o
C C
% RH mm
INPUT SPECIFICATIONS
Characteristics
Rated input voltage Number of inputs Input current (max) Io nom
Conditions
min.
21
typ.
2
max.
28 20
unit
VDC A
OUTPUT SPECIFICATIONS
Characteristics
Output voltage drop Output current Reverse voltage (max) DC ON indicator Two LEDs indicating each input is "ok or fail" Green LED Vi n - Vout Vi nom
Conditions
min.
typ.
0.5
max.
20 30
unit
V A V
CONTROL FUNCTION
Characteristics
Power Rdy OK Fail Contact rating at 30VDC
Conditions
min.
typ.
max.
5%) or <30V( 5%) or >30V(
1.0
unit
5%) 5%)
A
When input is>20V( When input is<20V(
www.chinfa.com 2009.01.23
sales@chinfa.com
DRP20 SERIES
MECHANISM & PIN CONFIGURATION
mm [inch]
54.00 [2.12]
CONSTRUCTION
Easy snap-on mounting onto the DIN-Rail (TS35/7.5 or TS35/15), unit sits safely and firmly on the rail; no tools required even to remove
123456
113.50 [4.47]
INSTALLATION
Ventilation / Cooling Normal convection All sides 25mm free space For cooling recommended Connector size range Solid:0.2-2.0mm2(AWG24-14) (use copper conductors only)
LED A FAIL OK FAIL OK
LED B
DRP20
7 8 9 10 11 12
APPROVALS AND STANDARDS
UL/cUL TUV CE UL508 Listed UL60950-I Recognized EN60950-I EN61000-6-3, EN55022 class B EN61000-6-2, En55024 EN61204-3
PIN ASSIGNMENT
PIN NO.
1 2 3 4 5 6 7 8 9 10 11 12
+ + + RDY A RDY B
Designation
FAIL COM B O.K FAIL COM A O.K
90.0 [3.54]
Description
A normal open relay contact for DC ON level control
A+ B+
Input terminal
Negative output terminal / input terminal Positive output terminal
PHYSICAL CHARACTERISTICS
CASE SIZE
SCREW TERMINAL TYPE 90 x 54 x 113.5 mm (3.54 x 2.12 x 4.47 inches) Plastic 210g
CASE MATERIAL WEIGHT
www.chinfa.com 2009.01.23
sales@chinfa.com
DRP20 SERIES
TYPICAL APPLICATION NOTES
1.) 1+1 Redundancy : Using 1 more PS as the redundant unit.
PS#1 PS#2
DRP20
Vout Load
2.) Single Use : Connecting only one PS to one DRP20 to reduce the stress of the diodes and hence increase the reliability.
PS#1 PS#1
Vin A
Vin B
Vin A
Vin B
DRP20
Vout Vout
DRP20
Load
3.) 1+N Redundancy : Using 1 more PS as the redundant units to increase the reliability.
PS#1 PS#2 PS#1 PS#2 PS#1 PS#2
Vin A
Vin B
Vin A
Vin B
Vin A
Vin B
DRP20
Vout Vout
DRP20
Vout
DRP20
Load
CIRCUIT SCHEMATIC
Vin A+
RELAY A
+ RDY A
Vin B+
+
Vin/VoutVout+ www.chinfa.com 2009.01.23
RELAY B
RDY B
sales@chinfa.com


▲Up To Search▲   

 
Price & Availability of DRP20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X